Part Number Hot Search : 
F55309R 01456 RHMB572 08763 TA8499F ST3232EB 78M05 XCV100
Product Description
Full Text Search
 

To Download BAT54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Schottky Barrier Diodes
P b Lead(Pb)-Free
Features: *Extremely Fast Switching Speed *Low Forward Voltage *Very Small Conduction Losses *Schottky Barrier Diodes Encapsulated in a SOT-23 Package
BAT54/BAT54C BAT54A/BAT54S
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
3 1 2
Description: These schottky barrier diodes are designed for high speed switching applications circuit protection, and voltage clamping, Extremely low forward voltage reduces conduction loss, Miniature surface mount package is excellent for hand held and portable applications where space is limited.
SOT-23
SOT-23 Outline Dimensions
A
Unit:mm
TOP VIEW
B
C
E
G H
D
K L
J
M
Dim Min Max A 0.35 0.51 B 1.19 1.40 C 2.10 3.00 D 0.85 1.05 E 0.46 1.00 G 1.70 2.10 H 2.70 3.10 J 0.01 0.13 K 0.89 1.10 L 0.30 0.61 M 0.076 0.25
WEITRON
hpp://www.weitron.com.tw
1/3
29-Jul-05
BAT54/BAT54C BAT54A/BAT54S Maximum Ratings
Characteristic Reverse Voltage Average Rectifier Forward Current Peak Repetitive Forward Current Rated VR, Square Wave,20KHz Operating Junction Temperature Range Storage Temperature Range (TJ=125 C Unless otherwise noted) Symbol VR IF(AV) IFRM TJ Tstg BAT54/C/A/S 30 200 400 Unit Volts mA mA C C
-55 to +125 -55 to +150
Electrical Characteristics
Characteristic
(TA=25 C Unless otherwise noted) Symbol V(BR)R Min 30 0.22 0.29 0.35 0.41 0.52 7.6 0.5 0.24 0.32 0.40 0.50 1.00 10 2.0 5.0 Typ Max Unit Volts
Reverse Breakdown Voltage (IR=10uA) Forward Voltage IF=0.1mA IF=1.0mA IF=10mA IF=30mA IF=100mA Total Capacitance (VR=1.0V, f=1.0MHz) Reverse Leakage VR=25V Reverse Recover Time IF=IR =10mA, IR(Rec)=1.0mA
VF
Volts
CT IR Trr
PF uAdc nS
Device Marking
Item BAT54 BAT54C BAT54A BAT54S Marking LV3 KL3 B6 LD3 Eqivalent Circuit diagram
3 3 3 3 1 1 2 1 2 1 2
http://www.weitron.com.tw
WEITRON
2/3
29-Jul-05
BAT54/BAT54C BAT54A/BAT54S
820 +10V 2.0K 100 H 0.1F D.U.T. 50 OUTPUT PULSE GENERATOR 50 INPUT SAMPLING OSCILLOSCOPE VR IF 0.1F tr 10% tp t IF trr t
90% INPUT SIGNAL IR IR(REC)=1.0mA OUTPUT PULSE (IF=IR=10mA, MEASURED AT IR(REC)=1.0mA
Notes:1. A 2.0 k variable resistor for a Forward Current (IF) 0f 10 mA 2. Input pules is adjusted so IR(peak) is equal to 10 mA 3. tp trr
FIG.1 Recovery Time Equivalent Test Circuit
100 1000
IF, FORWARD CURRENT (mA)
IR, REVERSE CURRENT (A )
TA=150 C 100 TA=125 C 10 1.0 TA=85 C 0.1 0.01
10
150 C
1.0
125 C 25 C -40 C -55 C 0.0 0.1 0.2 0.3 0.4 0.5 0.6
85 C
TA=25 C 0 5 10 15 20 25 30
0.1
0.001
VF, FORWARD VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
FIG.2 Forward Voltage
14
FIG.3 Leakage Current
CT,TOTAL CAPACITANCE (pF)
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, REVERSE VOLTAGE (VOLTS)
FIG.4 Total Capacitance
http://www.weitron.com.tw
WEITRON
3/3
29-Jul-05


▲Up To Search▲   

 
Price & Availability of BAT54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X